Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 882 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 882 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-60
Freescale Semiconductor
PCI/PCI-X Bus Interface
For cache wrap mode (PCI_AD[1:0] = 0b10) reads, the critical memory address is decoded using
PCI_AD[63:2]. The address is incremented by 4 bytes after each data phase completes until the
end of the cache line is reached. For cache-wrap reads, the address wraps to the beginning of the
current cache line and continues incrementing until the entire cache line (32 bytes) is read. The
MPC8540 does not support cache-wrap write operations and executes a target disconnect after the
data phase for the end of the cache line completes for writes with PCI_AD[1:0] = 0b10. That is,
the MPC8540 does not wrap back to the beginning of the cache line. Note that the two low-order
bits on the address bus are included in all parity calculations.
16.4.2.3.2 I/O Space Addressing
For PCI I/O accesses, 32 address signals (PCI_AD[31:0]) are used to provide a byte address. After
a target has claimed an I/O access, it must determine if it can complete the entire access as
indicated by the byte enable signals. If all the selected bytes are not in the address range of the
target, the entire access cannot complete. In this case, the target does not transfer any data and
terminates the transaction with a target-abort error. See Section 16.4.2.8.2, “Target-Initiated
Termination,” for more information.
16.4.2.3.3 Configuration Space Addressing
PCI supports two types of configuration accesses that use different formats for the PCI_AD[31:0]
signals during the address phase. The two low-order bits of the address indicate the format used
for the configuration address phase—type 0 (PCI_AD[1:0] = 0b00) or type 1
(PCI_AD[1:0] = 0b01). Both address formats identify a specific device and a specific
configuration register for that device. See Section 16.4.2.11, “Configuration Cycles,” for
descriptions of the two formats.
16.4.2.4 Device Selection
The PCI_DEVSEL signal is driven by the target of the current transaction. PCI_DEVSEL
indicates to the other devices on the PCI bus that the target has decoded the address and claimed
the transaction. PCI_DEVSEL may be driven one, two, or three clock cycles (fast, medium, or
slow device select timing) following the address phase. Device select timing is encoded into the
device’s PCI bus status register. If no agent asserts PCI_DEVSEL within three clock cycles of
PCI_FRAME, the agent responsible for subtractive decoding may claim the transaction by
asserting PCI_DEVSEL.
A target must assert PCI_DEVSEL (claim the transaction) before or coincident with any other
target response (assert PCI_TRDY, PCI_STOP, or data signals). In all cases except target-abort,
once a target asserts PCI_DEVSEL, it must not negate PCI_DEVSEL until PCI_FRAME is
negated (with PCI_IRDY asserted) and the last data phase has completed. For normal termination,
negation of PCI_DEVSEL coincides with the negation of PCI_TRDY or PCI_STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com