Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 886 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 886 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 887Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 886 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-64
Freescale Semiconductor
PCI/PCI-X Bus Interface
drive the PCI_C/BE[7:0] signals, even if the initiator is not ready to provide valid data (PCI_IRDY
negated).
Figure 16-57 illustrates a PCI single-beat write transaction.
Figure 16-57. PCI Single-Beat Write Transaction
Figure 16-58 illustrates a PCI burst write transaction.
Figure 16-58. PCI Burst Write Transaction
16.4.2.8 Transaction Termination
A PCI transaction may be terminated by either the initiator or the target. The initiator is ultimately
responsible for concluding all transactions, regardless of the cause of the termination. All
SYSCLK
PCI_FRAME
PCI_IRDY
PCI_AD[63:0]
ADDR
PCI_DEVSEL
PCI_TRDY
PCI_C/BE[7:0]
DATA
CMD
BE
SYSCLK
PCI_FRAME
PCI_IRDY
PCI_AD[63:0]
ADDR
PCI_DEVSEL
PCI_TRDY
PCI_C/BE[7:0]
DATA4
DATA1
DATA2
DATA3
BE1
BE2
CMD
BE4
BE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com