Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 883 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 883 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 882Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 883Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 884Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 885Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 886Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 887Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-61
If the first access maps into a target’s address range, that target asserts PCI_DEVSEL to claim the
access. However, if the initiator attempts to continue the burst access across the resource boundary,
then the target must issue a target disconnect.
The MPC8540 is hardwired for fast device select timing (PCI bus status register [10–9] = 0b00).
Therefore, when the MPC8540 is the target of a transaction (local memory access or configuration
register access), it asserts PCI_DEVSEL one clock cycle following the address phase.
As an initiator, if the MPC8540 does not detect the assertion of PCI_DEVSEL within four clock
cycles after the address phase (that is, five clock cycles after it asserts PCI_FRAME), it terminates
the transaction with a master-abort termination; see Section 16.4.2.8.1, “Master-Initiated
Termination.”
16.4.2.5 Byte Alignment
The byte enable signals of the PCI bus (PCI_C/BE[7:0], during a data phase) are used to determine
which byte lanes carry meaningful data. The byte enable signals may enable different bytes for
each of the data phases. The byte enables are valid on the edge of the clock that starts each data
phase and stay valid for the entire data phase. Note that parity is calculated for all bytes regardless
of the state of the byte enable signals. See Section 16.4.2.13.1, “PCI Parity,” for more information.
If the MPC8540, as a target, detects no byte enables asserted, it completes the current data phase
with no permanent change. This implies that on a read transaction, the MPC8540 expects that the
data is not changed, and on a write transaction, the data is not stored.
16.4.2.6 Bus Driving and Turnaround
To avoid contention, a turnaround cycle is required on all signals that may be driven by more than
one agent. The turnaround cycle occurs at different times for different signals. The PCI_IRDY,
PCI_TRDY, PCI_DEVSEL, and PCI_STOP signals use the address phase as their turnaround
cycle. PCI_FRAME, PCI_C/BE[7:0], and PCI_AD[63:0] signals use the idle cycle between
transactions (when both PCI_FRAME and PCI_IRDY are negated) as their turnaround cycle.
PCI_PERR has a turnaround cycle on the fourth clock cycle after the last data phase.
The PCI address/data signals, PCI_AD[63:0], are driven to a stable condition during every
address/data phase. Even when the byte enables indicate that byte lanes carry meaningless data,
the signals carry stable values. Parity is calculated on all bytes regardless of the byte enables. See
Section 16.4.2.13.1, “PCI Parity,” for more information.
16.4.2.7 PCI Bus Transactions
This section provides descriptions of the PCI bus transactions. All bus transactions follow the
protocol as described in Section 16.4.2, “PCI Bus Protocol.” Read and write transactions are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com