Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 877 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 877 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 881Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-55
The grant given to a particular device may be removed and awarded to another higher-priority
device, whenever the higher-priority device asserts its request. If the bus is idle when a device
requests the bus, then the arbiter withholds the grant for 1 clock cycle. The arbiter re-evaluates the
priorities of all requesting devices and grants the bus to the highest-priority device in the following
clock cycle. This allows a turnaround clock when a higher-priority device is using address
stepping or when the bus is parked.
The low-priority group collectively has one bus transaction request slot in the high-priority group.
For N high-priority devices and M low-priority devices, each high-priority device is guaranteed at
least 1 of N+1 bus transactions and each low-priority device is guaranteed at least 1 of (N+1)
× M
bus transactions, with one low-priority device receiving the grant in 1 of N+1 bus transactions. If
all devices are programmed to the same priority level, or if the low-priority group has only one
device, the algorithm defaults to give each device an equal number of bus grants in round-robin
sequence.
For the example in Figure 16-54, assume that several devices are requesting the bus. If two masters
are in the high-priority group and three are in the low-priority group, each high-priority master is
guaranteed at least one out of three transaction slots and each low-priority master is guaranteed
one out of nine transaction slots.
In Figure 16-54, the grant sequence (with all devices, except device 4 requesting the bus and
device 3 being the current master) is 0, 2, MPC8540, 0, 2, 1, 0, 2, 3, …, and repeating. If device 2
is not requesting the bus, the grant sequence is 0, MPC8540, 0, 1, 0, 3, …, and repeating. If device
2 requests the bus when device 0 is conducting a transaction and the MPC8540 has the next grant,
the MPC8540 has its grant removed and device 2 is awarded the grant since device 2 is higher
priority than the MPC8540 when device 0 has the bus.
Figure 16-54. PCI/X Arbitration Example
Device 2
Device 0
Low-
High-Priority Group
Device 1
Device 3
Low-Priority Group
(1/3)
(1/3)
(1/3)
(1/9)
(1/9)
(1/9)
Priority
Slot
MPC8540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com