Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 875 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 875 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-53
Figure 16-53. PCI-X Status Register
16.4 Functional Description
This section describes the functionality of the PCI/X interface.
16.4.1 PCI/X Bus Arbitration
PCI/X bus arbitration is access-based. Bus masters must arbitrate for each access performed on the
bus. The PCI/X bus uses a central arbitration scheme where each master has a unique request
31
30
29
28
26
25
23
22
21
20
19
18
17
16
R0
0
RSM
DMCRS
DMOST
DMRBC
DC
USC
SCD
MC
SBD
W
Reset
0001_0001_1000_001*
*0 = 32-bit bus, 1 = 64-bit bus
15
8
7
3
2
0
R
DBN
DDN
DFN
W
Reset
1111_1111_1111_1010
Offset
0x64
Table 16-51. PCI-X Status Register Field Descriptions
Bits
Name
Description
31–30
—
Reserved
29
RSM
Receive split completion error message (write-1-to-clear)
28–26
DMCRS
Designed maximum cumulative read size (16 Kbytes)
25–23
DMOST
Designed maximum outstanding split transactions (4 outstanding)
22–21
DMRBC
Designed maximum memory read byte count (128 Bytes)
20
DC
Device complexity (simple device, can retry writes)
19
USC
Unexpected split completion (write-1-to-clear)
18
SCD
Split completion discarded (write-1-to-clear)
17
MC
133-MHz capability
16
SBD
64-bit device
15–8
DBN
Bus number (used for diagnostic purposes)
7–3
DDN
Device number (used for diagnostic purposes)
2–0
DFN
Function number (used for diagnostic purposes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com