Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 872 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 872 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 872 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-50
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.3.2.20 PCI Bus Arbiter Configuration Register (PBACR)
The PCI bus arbiter configuration register is used to determine the configuration of the PCI bus
arbiter.
Figure 16-49. PCI Bus Arbiter Configuration Register
3
P64
PCI 64-bit configuration. Read-only. Indicates the reset value of the PCI 64-bit configuration signal,
PCI_REQ64.
0 64-bit interface functions as a 32-bit interface.
1 64-bit interface functions as a 64-bit interface.
2–1
—
Reserved
0
PAH
PCI agent/host. Read-only. Indicates the reset value of the PCI host/agent configuration signal, LWE3.
0 PCI interface is in host mode
1 PCI interface is in agent mode
15
14
13
12
11
10
9
8
7
6
2
1
0
RPAD
PM
0
PBMD
00
00
0
PBMP
0
DP
W
Reset
0000_0000_0000_0000
Offset
0x46
Table 16-47. PCI Bus Arbiter Configuration Register Field Descriptions
Bits
Name
Description
15
PAD
PCI arbiter disable. Determines if the device is the PCI arbiter on the PCI bus or not. The reset state is
determined by the inverse of the PCI_GNT2 configuration input signal when reset is released.
0 Device is the PCI arbiter.
1 Device is not the PCI arbiter. Device presents its request on PCI_REQ0 to the external arbiter and
receives its grant on PCI_GNT0.
14
PM
Parking mode. controls which device receives the bus grant when there are no outstanding bus requests
and the bus is idle.
0 The bus is parked on the last device to use the bus.
1 The bus is parked on this device.
13
—
Reserved
12
PBMD
PCI broken master disable. Determines if the device ignores the bus requests of an initiator that requests
the bus for an excessive period without using the bus.
0 An initiator that requests the bus and receives the grant must begin using the bus within 16 PCI clock
periods after the bus becomes idle or else its request is subsequently ignored.
1 No requests are ignored.
11–7
—
Reserved
Table 16-46. PCI Bus Function Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com