Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 869 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 869 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-47
Figure 16-42. PCI Subsystem ID Register
16.3.2.14 PCI Bus Capabilities Pointer Register
The PCI bus capabilities pointer identifies additional functionality supported by the device. This
field is set to point to the PCI-X configuration registers. The definition of each bit is given in
Table 16-41.
Figure 16-43. PCI Bus Capabilities Pointer Register
16.3.2.15 PCI Bus Interrupt Line Register
Figure 16-44. PCI Bus Interrupt Line Register
15
0
R
Subsystem ID
W
Reset
0000_0000_0000_0000
Offset
0x2E
Table 16-40. PCI Subsystem ID Register Field Description
Bits
Name
Description
15–0
Subsystem ID
0x0000
7
0
R
Capabilities Pointer
W
Reset
0110_0000
Offset
0x34
Table 16-41. PCI Bus Capabilities Pointer Register Field Description
Bits
Name
Description
7–0
Capabilities
Pointer
Specifies the byte offset in the configuration space containing the first item in the capabilities
list. The default value points to the PCI-X configuration registers.
7
0
R
Interrupt Line
W
Reset
0000_0000
Offset
0x3C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com