Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 866 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 866 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-44
Freescale Semiconductor
PCI/PCI-X Bus Interface
1-Mbyte window that is automatically translated to the local configuration, control, and status
registers address space.
The other base address registers are aliases (with differing format) of the PCI inbound ATMU
windows; see Section 16.3.1.3, “PCI/X ATMU Inbound Registers.” The 32-bit base address
register at offset 0x14 corresponds to inbound ATMU window 1; the 64-bit base address registers
at offsets 0x18 and 0x20 correspond to inbound ATMU windows 2 and 3. If one of these registers
is written, the corresponding ATMU register is also updated; if a PCI inbound ATMU register is
written, the corresponding BAR is also updated. If one of these registers is read, the corresponding
size of ATMU is returned on the PCI bus providing valid window size in the Inbound ATMU
window attributes register.
Note that PCSRBAR cannot be updated through the inbound ATMU registers.
Figure 16-37. PCI Configuration and Status Register Base Address Register (PCSRBAR)
Figure 16-38. 32–Bit Memory Base Address Register
31
20 19
4
3
2
1
0
R
ADDRESS
PREF TYPE MSI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x10
Table 16-35. PCSRBAR Field Descriptions
Bits
Name
Description
31–2
0
ADDRES
S
Indicates the base address at which the inbound configuration/run-time window resides. This
window is fixed at 1 Mbyte.
19–4
—
Reserved
3
PREF
Prefetchable
2–1
TYPE
Type. 00—Locate anywhere in 32-bit address space.
0
MSI
Memory space indicator
31
12 11
4
3
2
1
0
R
ADDRESS
PREF TYPE MSI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com