Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 862 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 862 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-40
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.3.2.4 PCI Bus Status Register—Offset 0x06
The 2-byte PCI bus status register is used to record status information for PCI bus bus-related
events. The definition of each bit is given in Table 16-28. Only 2-byte accesses to address offset
0x06 are allowed.
Note that some errors are reported in two bits—one in the PCI bus status register and another in
the PCI/X error detect register (ERR_DR). These bits must be cleared separately; that is, clearing
one does not clear the other. For example, clearing the ERR_DR[Mstr abort error] does not clear
the received master abort bit in the PCI bus status register. In these cases, both bits must be cleared
before further error reporting can occur. Refer to Table 16-57 for PCI mode error actions and
Table 16-65 for PCI-X mode error actions. Likewise, some errors are enabled by programming
two bits—one in the PCI bus command register and another in the PCI/X error enable register
(ERR_EN).
Reads to this register behave normally. Writes are slightly different in that bits can be cleared, but
not set. A bit is cleared whenever the register is written, and the data in the corresponding bit
location is a 1. For example, to clear bit 14 and not affect any other bits in the register, write the
value 0b0100_0000_0000_0000 to the register.
Figure 16-30. PCI Bus Status Register
.
15
14
13
12
11
10
9
8
7
6
5
4
3
0
R
Detected
parity
error
Signaled
system
error
Received
master
abort
Received
target
abort
Signaled
target
abort
DEVSEL
timing
Master
data
parity
error
detected
Fast
back-to-
back
capable
66-MHz
capable
Capabilities
list
W
Reset
0000_0000_1011_0000
Offset
0x06
Table 16-28. PCI Bus Status Register Field Descriptions
Bits
Name
Description
15
Detected parity
error
Set whenever this PCI controller detects a PCI parity error, even if parity error handling is
disabled (as controlled by bit 6 in the PCI bus command register)
14
Signaled system
error
Set whenever this PCI controller asserts PCI_SERR.
13
Received
master-abort
Set whenever this PCI controller, acting as the PCI master, terminates a transaction (except
for a special-cycle) using master-abort
12
Received
target-abort
Set whenever a PCI transaction initiated by this PCI controller (excluding a special-cycle) is
terminated by a target-abort
11
Signaled
target-abort
Set whenever this PCI controller, acting as the PCI target, issues a target-abort to a PCI
master
10–
9
DEVSEL timing
Hard-wired to 0b00, indicating that this PCI controller uses fast device select timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com