Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 859 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 859 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-37
Figure 16-25. MPC8540 PCI/X Configuration Header
Figure 16-26 lists the additional PCI-X configuration registers.
Figure 16-26. PCI-X Additional Configuration Registers
Note that software must be restricted from accessing any reserved or undefined register space on
the MPC8540; doing so may hang the device.
Table 16-54 in Section 16.4.2.11.1, “PCI Configuration Space Header,” provides a summary of
the PCI configuration header registers. Detailed descriptions of these registers are provided in the
PCI Local Bus Specification.
16.3.2.1 PCI Vendor ID Register—Offset 0x00
The PCI vendor ID register, shown in Figure 16-27, is used to identify the manufacturer of the part.
Reserved
Device ID
Vendor ID
PCI Bus Status
PCI Bus Command
Bus Base Class Code
Bus Programming Interface
Subclass Code
Revision ID
BIST Control
Bus Latency Timer
Header Type
Bus Cache Line Size
PCI Bus MAX_LAT
PCI Bus Interrupt Pin
PCI Bus MIN_GNT
PCI Bus Interrupt Line
00
04
08
0C
3C
PCI Configuration and Status Register Base Address Register (PCSRBAR)
10
24
40
44
PCI Bus Arbiter Configuration
64-Bit High Memory Base Address Register
34
38
2C
Subsystem ID
Subsystem Vendor ID
14
32-Bit Memory Base Address Register
18
64-Bit Low Memory Base Address Register
1C
64-Bit High Memory Base Address Register
20
64-Bit Low Memory Base Address Register
PCI Bus Function
PCI Bus Capability Pointer
28
Address
Offset (Hex)
30
Reserved
PCI-X Command
PCI-X Status
PCI-X Next Capability
PCI-X Capability ID
60
64
Address
Offset (Hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com