Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 863 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 863 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 863 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-41
16.3.2.5 PCI Revision ID Register—Offset 0x08
The PCI Revision ID register is used to identify the revision of the part.
Figure 16-31. PCI Revision ID Register
16.3.2.6 PCI Bus Programming Interface Register—Offset 0x09
Table 16-30 describes the PCI Bus programming interface register (PIR).
Figure 16-32. PCI Bus Programming Interface Register
8
Master data parity
error detected
Set upon detecting a data parity error. Three conditions must be met for this bit to be set:
• This PCI controller detected a parity error.
• This PCI controller was acting as bus master for the operation in which the error occurred.
• Bit 6 in the PCI bus command register was set.
7
Fast back-to-back
capable
Hard-wired to 1, indicating that this PCI controller (as a target) is capable of accepting fast
back-to-back transactions
6—
Reserved
5
66-MHz capable
Read-only bit indicates that this PCI controller is capable of 66 MHz PCI bus operation.
4
Capabilities List
Hard-wired to 1
3–0
—
Reserved
7
0
R
Revision ID
W
Reset
revision specific
Offset
0x08
Table 16-29. PCI Revision ID Register Field Descriptions
Bits
Name
Description
7–0
Revision ID
Revision specific
7
0
R
Programming Interface
W
Reset
0000_000*
*0 = Host, 1 = Agent
Offset
0x09
Table 16-28. PCI Bus Status Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com