Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 867 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 867 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-45
Figure 16-39. 64-Bit Low Memory Base Address Register
Table 16-36. 32-Bit Memory Base Address Register Field Descriptions
Bits
Name
Description
31–1
2
ADDRES
S
Indicates the base address at which the inbound memory window resides. The number of upper
bits that the device allows to be writable is selected through the inbound translation windows.
11–4
—
Reserved. The device allows a 4 Kbyte window minimum.
3
PREF
Prefetchable
2–1
TYPE
Type: 00—Locate anywhere in 32-bit address space.
0
MSI
Memory Space Indicator.
31
16
R
ADDRESS
W
Reset
0000_0000_0000_0000
15
12
11
4321
0
R
ADDRESS
PRE
TYPE
MSI
W
Reset
0000_0000_0000_0100
Offset
0x18, 0x20
Table 16-37. 64-Bit Low Memory Base Address Register Field
Descriptions
Bits
Name
Description
31–1
2
ADDRES
S
Indicates the base address at which the inbound memory window resides. The number of upper
bits that the device allows to be writable is selected through the inbound translation windows.
11–4
—
Reserved. The device allows a 4 Kbyte window minimum.
3
PREF
Prefetchable
2–1
TYPE
Type: 10—Locate anywhere in 64-bit address space.
0
MSI
Memory space indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com