Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 865 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 865 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-43
16.3.2.9 PCI Bus Cache Line Size Register—Offset 0x0C
Table 16-33 describes the PCI bus cache line size register (PCLSR).
Figure 16-35. PCI Bus Cache Line Size Register (PCLSR)
16.3.2.10 PCI Bus Latency Timer Register—0x0D
Table 16-34 describes the PCI latency timer register (PLTR).
Figure 16-36. PCI Bus Latency Timer Register
16.3.2.11 PCI Base Address Registers
A PCI base address register points to the beginnings of each address range to which the device
responds by assertingþ PCI_DEVSEL. The base address register (BAR) at offset 0x10 is a fixed
7
0
R
Cache Line Size
W
Reset
0000_0000 (PCI); 0000_1000 (PCI-X)
Offset
0x0C
Table 16-33. PCI Bus Cache Line Size Register (PCLSR) Field Descriptions
Bits
Name
Description
7–0
Cache
Line
Size
Represents the cache line size of the processor in terms of 32-bit words (eight 32-bit words = 32 bytes).
PCLSR is read-write; however, for PCI operation, an attempt to program this register to any value other
than 0x8 results in clearing it. For PCI-X operation, this register is hardwired to 0x8.
7
32
0
R
Latency Timer
Latency Timer
W
Reset
0000_0000
Offset
0x0D
Table 16-34. PCI Bus Latency Timer Register Field Descriptions
Bit
s
Name
Description
7–3
Latency Timer
The maximum number of PCI clocks that the device, when mastering a transaction, holds the bus
after PCI bus grant has been negated. The value is in PCI clocks. The PCI 2.2 specification gives
rules by which the PCI bus interface unit completes transactions when the timer has expired.
2–0
Latency Timer
Read-only bits. The minimum latency timer value when set is 8 PCI clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com