Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 861 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 861 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 862Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 863Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 864Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 865Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-39
Figure 16-29. PCI Bus Command Register
15
10
9
8
7
6
5
4
3
2
1
0
R
Fast
back-to-
back
SERR
Parity error
response
Memory-write-
and-invalidate
Special
cycles
Bus
master
Memory
space
I/O
space
W
Reset
0000_0000_0000_0*00
*0 = Agent, 1 = Host
Offset
0x04
Table 16-27. PCI Bus Command Register Field Descriptions
Bits
Name
Description
15–1
0
—
Reserved
9Fast
back-to-back
Hard-wired to 0, indicating that this PCI controller (as a master) does not run fast back-to-back
transactions
8
SERR
Controls the PCI_SERR driver of this PCI controller. This bit (and bit 6) must be set to report
address parity errors.
0 Disables the PCI_SERR driver
1 Enables the PCI_SERR driver
7—
Reserved
6
Parity error
response
Controls whether this PCI controller responds to parity errors.
0 Parity errors are ignored and normal operation continues.
1 Parity errors cause the appropriate bit in the PCI status register to be set. However, note
that errors are reported based on the values set in the PCI error enable and detection
registers.
5—
Reserved
4
Memory-write
-
and-invalidate
Hard-wired to 0, indicating that this PCI controller, acting as a master, can not generate the
memory-write-and-invalidate command
3
Special-cycle
s
Hard-wired to 0, indicating that this PCI controller (as a target) ignores all special-cycle
commands
2
Bus master
Indicates whether this PCI controller is configured as a master. This indicates the setting of the
host/agent configuration input (LWE2) at power-on reset.
0 Disables the ability to generate PCI accesses
1 Enables this PCI controller to behave as a PCI bus master (Host)
Note that the Bus master bit in the MPC8540’s PCI bus command register must be set before
any outbound configuration access is attempted.
1
Memory
space
Controls whether this PCI controller (as a target) responds to memory accesses.
0 This PCI controller does not respond to PCI memory space accesses.
1 This PCI controller (as a target) responds to PCI memory space accesses.
0
I/O space
Hard-wired to 0, indicating that this PCI controller (as a target) does not respond to PCI I/O
space accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com