Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 857 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 857 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 853Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 854Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 855Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 856Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 857Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 858Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 859Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 860Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 861Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-35
Figure 16-22. PCI/X Error Data High Capture Register (ERR_DH)
16.3.1.4.9 PCI/X Gasket Timer Register (GAS_TIMR)
Figure 16-23. PCI/X Gasket Timer Register (GAS_TIMR)
0
31
R
Data high
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_8E1C
Table 16-22. ERR_DH Field Description
Bits
Name
Description
0–31
Data high
Most significant PCI bus data word (only valid with 64-bit PCI bus)
07
8
31
R 0000000
EN
TCNT
W
Reset
0000_0001_0000_0000_0011_1111_1111_1111 (PCI mode)
0000_0000_0000_0000_0011_1111_1111_1111 (PCI-X mode)
Offset
0x0_8E20
Table 16-23. GAS_TIMR Field Descriptions
Bits
Name
Description
0–6
—
Reserved
7
EN
Gasket timer enable.
0 PCI-X default: Gasket timer is disabled.
1 PCI default: Gasket timer is enabled.
8–31
TCNT
Number of system clocks to purge a non-prefetchable inbound read buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com