Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 870 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 870 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 866Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 867Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 870 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-48
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.3.2.16 PCI Bus Interrupt Pin Register
The MPC8540 does not generate specific PCI_INTA, PCI_INTB, etc. outputs, nor does this device
respond to INTACK or special cycle commands on the PCI/X interfaces. The MPC8540 does have
12 general purpose interrupt request lines (IRQ[0:11]) and an interrupt output, IRQ_OUT (active
low, level sensitive), to which all external and most internal interrupt sources (including PCI/X)
can be routed.
Figure 16-45. PCI Bus Interrupt Pin Register
16.3.2.17 PCI Bus Minimum Grant (MIN_GNT) Register
Figure 16-46. PCI Bus Minimum Grant Register
Table 16-42. PCI Bus Interrupt Line Register Field Description
Bits
Name
Description
7–0
Interrupt Line
This register is used to communicate interrupt line routing information (hard-wired to zero).
7
0
R
Interrupt Pin
W
Reset
0000_0000
Offset
0x3D
Table 16-43. PCI Bus Interrupt Pin Register Field Description
Bits
Name
Description
7–0
Interrupt Pin
No PCI_INT pin selected
7
0
RMIN_GNT
W
Reset
0000_0000
Offset
0x3E
Table 16-44. PCI Bus Minimum Grant Register Field Description
Bits
Name
Description
7–0
MIN_GNT
Specifies the length of the device’s burst period (0x00 indicates that this PCI controller has no
major requirements for the settings of latency timers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com