Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 873 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 873 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 873 / 1302 page
background image
Memory Map/Register Definitions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-51
16.3.2.21 PCI-X Next Capabilities ID Register—0x60
This register is an additional standard register specified by the PCI-X Addendum to the PCI Local
Bus Specification.
Figure 16-50. PCI-X Next Capabilities ID Register
16.3.2.22 PCI-X Capability Pointer Register—0x61
The PCI-X next capabilities pointer register is an additional standard register specified by the
PCI-X Addendum to the PCI Local Bus Specification. This register identifies additional
functionality supported by the device. The definition of each bit is given in Table 16-49.
Figure 16-51. PCI-X Capability Pointer Register
6–2
PBMP
PCI bus master priorities. Determines arbitration priority given to different masters on the PCI bus. Bit 6
corresponds to the priority of the master sourcing PCI_REQ0; bit 2 corresponds to the priority of the
master sourcing PCI_REQ4.
0Master n is low priority.
1Master n is high priority.
1—
Reserved
0
DP
Device priority. Determines this device’s arbitration priority.
0 Device is low priority.
1 Device is high priority.
7
0
R
Capabilities ID
W
Reset
0000_0111
Offset
0x60
Table 16-48. PCI-X Next Capabilities ID Register Field Descriptions
Bits
Name
Description
7–0
Capabilities ID
This register identifies this item in the capabilities list as a PCI-X device having PCI-X registers.
7
0
R
Capability Pointer
W
Reset
0000_0000
Offset
0x61
Table 16-47. PCI Bus Arbiter Configuration Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com