Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 876 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 876 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 876Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 877Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 878Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 879Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 880Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 876 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-54
Freescale Semiconductor
PCI/PCI-X Bus Interface
(REQ) output and grant (GNT) input signal. A simple request/grant handshake is used to gain
access to the bus. Arbitration for the bus occurs during the previous access so that no PCI/X bus
cycles are consumed due to arbitration (except when the bus is idle).
The MPC8540 provides bus arbitration logic for its master interface and up to five other external
PCI/X bus masters. The on-chip PCI/X arbiter functions in both host and agent modes, or it can
be disabled to allow for an external PCI/X arbiter.
A configuration signal (PCI_GNT2) sampled at the negation of HRESET determines if the
on-chip PCI/X arbiter is enabled (high) or disabled (low). The state of the reset signal is reflected
in bit 15 (read-only) of the PCI/X bus arbitration control register (PBACR[PAD]). Note that PAD
is the inverse of the arbiter configuration signal; that is, when PAD = 0 the arbiter is enabled, and
when PAD = 1 the arbiter is disabled. See Chapter 4, “Reset, Clocking, and Initialization,” for
more information on the reset configuration signals.
If the on-chip PCI/X arbiter is enabled, a request-grant pair of signals is provided for each external
master (PCI_REQ[0:4] and PCI_GNT[0:4]). In addition, the internal request/grant pair for the
internal master state machine of the MPC8540 governs processor, DMA, and RapidIO accesses to
the PCI/X interface. If the on-chip PCI/X arbiter is disabled, the MPC8540 uses the PCI_REQ0
signal as an output to issue its request to the external arbiter and uses the PCI_GNT0 signal as an
input to receive its grant from the external arbiter.
The following sections describe the operation of the on-chip PCI/X arbiter that arbitrates between
external PCI/X masters and the internal PCI/X bus master of the MPC8540.
16.4.1.1 PCI/X Bus Arbiter Operation
The on-chip PCI/X arbiter uses a programmable two-level, round-robin arbitration algorithm.
Each of the five external masters, plus the MPC8540, can be programmed for two priority levels,
high or low, using the appropriate bits in the PBACR. Within each priority group, the PCI/X bus
grant is asserted to the next requesting device in numerical order, with the MPC8540 positioned
before device 0.
Conceptually, the lowest-priority device is the master that is currently using the bus, and the
highest-priority device is the device that follows the current master in numerical order and group
priority. This is considered to be a fair algorithm, since a single device cannot prevent other
devices from having access to the bus; it automatically becomes the lowest-priority device as soon
as it begins to use the bus. If a master is not requesting the bus, then its transaction slot is given to
the next requesting device within its priority group.
A grant is awarded to the highest-priority requesting device as soon as the current master begins a
transaction; however, the granted device must wait until the bus is relinquished by the current
master before initiating a transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com