Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 892 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 892 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 888Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 889Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-70
Freescale Semiconductor
PCI/PCI-X Bus Interface
Figure 16-63. DAC Burst Write Example
Figure 16-64 shows the timing sequence of the PCI signals for 64-bit DAC reads.
Figure 16-64. 64-Bit Dual Address Read Cycle
16.4.2.11 Configuration Cycles
This section describes PCI configuration cycles used for configuring standard PCI devices. The
PCI configuration space of any device is intended for configuration, initialization, and catastrophic
error-handling functions only. Access to the PCI configuration space should be limited to
initialization and error-handling software.
PCI_CLK
T/A
T/A
DATA1
DATA2
DATA3
DATA4
BE1
BE2
BE4
Cmd
PCI_FRAME
PCI_IRDY
PCI_DEVSEL
PCI_C/BE[3:0]
PCI_AD[31:0]
PCI_TRDY
BE3
Lo-Addr
Hi-Addr
0x0D
PCI_CLK
PCI_FRAME
PCI_AD[31:0]
PCI_C/BE[3:0]
PCI_IRDY
PCI_TRDY
1234
5
6
789
PCI_DEVSEL
LO-ADDR HI-ADDR
DUAL AD BUS CMD
BE[3:0]
PCI_AD[63:32]
HI-ADDR
DATA1
DATA3(2)
DATA2
DATA4
BUS CMD
BE[7:4]
PCI_C/BE[7:4]
(optional)
Address
phase
Data
phase
Data
phase
Data
transfer
Wait
Data
transfer
Wait
FM
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com