Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 894 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 894 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 890Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 891Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 892Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-72
Freescale Semiconductor
PCI/PCI-X Bus Interface
16.4.2.11.2 Accessing the PCI Configuration Space in Host Mode
To access the configuration space, a 32-bit value must be written to the PCI CFG_ADDR register
that specifies the target PCI bus, the target device on that bus, and the configuration register to be
accessed within that device. Note that the Bus Master bit in the MPC8540’s PCI bus command
register must be set before an outbound configuration access is attempted. Device 0 on PCI/X bus
0 is the MPC8540 itself; thus, device 0, bus 0 is used to access the internal PCI/X configuration
header.
Table 16-54. PCI Configuration Space Header Summary
Offset
Register Name
Description
0x00
Vendor ID
Identifies the manufacturer of the device (assigned by the PCI SIG
(special-interest group) to ensure uniqueness).
0x02
Device ID
Identifies the particular device (assigned by the vendor).
0x04
Command
Provides coarse control over a device’s ability to generate and respond to PCI bus
cycles
0x06
Status
Records status information for PCI bus-related events
0x08
Revision ID
Specifies a device-specific revision code (assigned by vendor)
0x09
Class code
Identifies the generic function of the device and (in some cases) a specific
register-level programming interface
0x0C
Cache line size
Specifies the system cache line size in 32-bit units
0x0D
Latency timer
Specifies the value of the latency timer in PCI bus clock units for the device when
acting as an initiator
0x0E
Header type
Bits 0–6 identify the layout of bytes 0x10–0x3F; bit 7 indicates a multifunction
device. The most common header type (0x00) is shown in Figure 16-65 and in this
table.
0x0F
BIST
Optional register for control and status of built-in self test (BIST)
0x10–0x27 Base address registers Address mapping information for memory and I/O space
0x28
—
Reserved for future use
0x2C
Subsystem Vendor ID
Identifies the subsystem vendor ID (read-only for MPC8540)
0x2E
Subsystem ID
Identifies the subsystem ID (read-only for MPC8540)
0x30
Expansion ROM base
address
Base address and size information for expansion ROM contained in an add-on
board
0x34, 0x38 —
Reserved for future use
0x3C
Interrupt line
Contains interrupt line routing information
0x3D
Interrupt pin
Indicates which interrupt pin the device (or function) uses
0x3E
Min_Gnt
Specifies the length of the device’s burst period in 0.25-µs units
0x3F
Max_Lat
Specifies how often the device needs access to the bus in 0.25-µs units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com