Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 898 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 898 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-76
Freescale Semiconductor
PCI/PCI-X Bus Interface
For PCI type 0 translations, the function number and register number fields are copied without
modification onto the PCI_AD[10:2] signals during the address phase. The PCI_AD[1:0] signals
are driven to 0b00 during the address phase for type 0 configuration cycles. The MPC8540
implements address stepping on configuration cycles so that the target’s IDSEL, which is
connected directly to one of the PCI_AD lines, reaches a stable value. This means that a valid
address and command are driven on PCI_AD[31:0] and PCI_C/BE[3:0] one clock cycle before the
assertion of PCI_FRAME.
16.4.2.11.5 Type 1 Configuration Translation
For type 1 translations, the MPC8540 copies the 30 high-order bits of the PCI CFG_ADDR
register (without modification) onto the PCI_AD[31:2] signals during the address phase. The
MPC8540 automatically translates PCI_AD[1:0] into 0b01 during the address phase to indicate a
type 1 configuration cycle.
16.4.2.12 Other Bus Transactions
There are two other PCI transactions that the MPC8540 supports—interrupt acknowledge and
special cycles. As an initiator, the MPC8540 may initiate both interrupt acknowledge and
special-cycle transactions; however, as a target, the MPC8540 ignores interrupt-acknowledge and
special-cycle transactions. Both transactions make use of the PCI CFG_ADDR and PCI
CFG_DATA registers described in Section 16.4.2.11.3, “PCI Configuration in Agent and Agent
Lock Modes.”
16.4.2.12.1Interrupt-Acknowledge Transactions
The PCI bus supports an interrupt-acknowledge transaction. The interrupt-acknowledge command
is a read operation implicitly addressed to the system interrupt controller. Note that the PCI
interrupt-acknowledge command does not address the MPC8540 PIC processor
interrupt-acknowledge register and does not return the interrupt vector address from the PIC unit.
See Chapter 10, “Programmable Interrupt Controller,” for more information about the PIC unit.
When the MPC8540 detects a read to PCI CFG_DATA, it checks the enable flag and the device
number in PCI CFG_ADDR. If the enable bit is set, the bus number corresponds to the local PCI
bus (bus number = 0x00), the device number is all ones (0b1_1111), the function number is all ones
(0b111), and the register number is zero (0b00_0000), then the MPC8540 performs an
interrupt-acknowledge transaction. If the bus number indicates a nonlocal PCI bus, the MPC8540
performs a type 1 configuration cycle translation, similar to any other configuration cycle for
which the bus number does not match.
The address phase contains no valid information other than the interrupt-acknowledge command
(PCI_C/BE[3:0] = 0b0000). Although there is no explicit address, PCI_AD[63:0] are driven to a
stable state, and parity is generated. Only one device (the system interrupt controller) on the PCI
bus should respond to the interrupt-acknowledge command by asserting PCI_DEVSEL. All other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com