Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 900 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 900 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 904Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-78
Freescale Semiconductor
PCI/PCI-X Bus Interface
Each receiving agent must determine whether the special-cycle message is applicable to itself. It
is unnecessary to assert PCI_DEVSEL in response to a special-cycle command. The initiator of
the special-cycle transaction can insert wait states, but because there is no specific target, the
special-cycle message and optional data field are valid on the first clock PCI_IRDY is asserted.
All special-cycle transactions are terminated by master-abort; however, the master-abort bit in the
initiator’s bus status register is not set for special-cycle terminations.
16.4.2.13 PCI Error Functions
PCI provides for parity and other system errors to be detected and reported. This section describes
generation and detection of parity and error reporting for the PCI bus.
16.4.2.13.1PCI Parity
Generating parity is not optional; it must be performed by all PCI-compliant devices. All PCI
transactions, regardless of type, calculate even parity; that is, the number of ones on the
PCI_AD[31:0], PCI_C/BE[3:0], and PCI_PAR signals all sum to an even number and the number
of ones on the PCI_AD[63:33], PCI_C/BE[7:4], and PCI_PAR64 signals all sum to an even
number.
Parity provides a way to determine, on each transaction, if the initiator successfully addressed the
target and transferred valid data. The PCI_C/BE[7:4] and PCI_C/BE[3:0] signals are included in
the parity calculation to ensure that the correct bus command is performed (during the address
phase) and correct data is transferred (during the data phase). The agent responsible for driving the
bus must also drive even parity on the PAR and PCI_PAR64 signals one clock cycle after a valid
address phase or valid data transfer, as shown in Figure 16-67.
During the address and data phases, parity covers all 64 address/data signals and 8 command/byte
enable signals, regardless of whether all lines carry meaningful information. Byte lanes not
actually transferring data must contain stable (albeit meaningless) data and are included in parity
calculation. During configuration, special-cycle, or interrupt-acknowledge commands, some
address lines are not defined, but are driven to stable values and are included in parity calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com