Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 901 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 901 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 902Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 903Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 904Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 905Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-79
Figure 16-67. PCI Parity Operation
16.4.2.13.2Error Reporting
PCI provides for the detection and signaling of both parity and other system errors. Two signals
are used to report these errors—PCI_PERR and PCI_SERR. The PCI_PERR signal is used
exclusively to report data parity errors on all transactions except special cycles. The PCI_SERR
signal is used for other error signaling including address parity errors and data parity errors on
special-cycle transactions; it may also be used to signal other system errors.
Note that some errors are enabled by programming two bits—one in the PCI bus command register
and another in the PCI/X error enable register (ERR_EN). Likewise, some errors are reported in
two bits—one in the PCI bus status register and another in the PCI/X error detect register
(ERR_DR). These bits must be cleared separately; that is, clearing one does not clear the other.
For example, clearing the ERR_DR[Mstr abort error] does not clear the received master abort bit
in the PCI bus status register. In these cases, both bits must be cleared before further error reporting
can occur.
Table 16-57 shows the actions taken for each kind of error.
SYSCLK
PCI_PAR, PCI_PAR64
PCI_FRAME
PCI_AD[63:0]
ADDR
PCI_IRDY
PCI_DEVSEL
PCI_C/BE[7:0]
DATA
BE
BE
PCI_TRDY
PCI_PERR
PCI_SERR
CMD
DATA
ADDR
CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com