Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 897 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 897 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 893Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 894Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 895Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 896Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 897Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 898Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 899Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 900Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 901Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-75
Figure 16-66. PCI Type 0 Configuration Translation
For PCI type 0 configuration cycles, the MPC8540 translates the device number field of the PCI
CFG_ADDR register into a unique IDSEL signal for up to 21 different devices. Each device
connects its IDSEL input to one of the PCI_AD[31:11] signals. For PCI type 0 configuration
cycles, the MPC8540 translates the device number to ADn as shown in Table 16-55.
Table 16-55. PCI Type 0 Configuration—Device Number to ADn Translation
Device Number
ADn Used for IIDSEL
Device Number
ADn Used for IIDSEL
Binary
Decimal
Binary
Decimal
0b0_0000–0b0_1001
0–9
—
0b1_0101
21
AD21
0b0_1010
10
AD31
0b1_0110
22
AD22
0b0_1011
11
AD11
0b1_0111
23
AD23
0b0_1100
12
AD12
0b1_1000
24
AD24
0b0_1101
13
AD13
0b1_1001
25
AD25
0b0_1110
14
AD14
0b1_1010
26
AD26
0b0_1111
15
AD15
0b1_1011
27
AD27
0b1_0000
16
AD16
0b1_1100
28
AD28
0b1_0001
17
AD17
0b1_1101
29
AD29
0b1_0010
18
AD18
0b1_1110
30
AD30
0b1_0011
19
AD19
0b1_1111 1
31
—
0b1_0100
20
AD20
1A device number of all ones indicates a PCI special-cycle or interrupt-acknowledge transaction.
0 1
7 8
15 16
20 21
23 24
29 30 31
Bus Number
000_0000
Reserved
Device Number
Function Number
Register Number
E
00
31
11 10
2 1
0
IDSEL–Only One Signal High
Function/Register Number
00
Contents of PCI CFG_ADDR Register
PCI_AD[31:0] Signals
During Address Phase
See Table 16-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com