Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 913 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 913 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 909Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 910Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 911Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 912Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 913Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 913 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-91
Figure 16-76. Split Completion Transaction Address AD[31:0]
Table 16-60 describes the fields of the attribute for Burst and DWORD transactions.
16.4.3.6.3 Completer Attributes
PCI-X split completion transactions include an attribute phase one clock cycle after the address
phase. The completer attribute for a split completion transaction is similar to the burst transaction
attribute. For the split completion attribute, PCI_C/BE[3:0] provide the four msbs of the byte
count and AD[31:0] are driven as shown in Figure 16-77.
00
RO
Tag
Requester Bus Number
31
30
29
28
24
23
16
Requester Device Number
Requester Function
Number
0
Lower Address [6–0]
15
11
10
8
7
6
0
Table 16-60. Split Completion Transaction Address
AD
Name
Description
31:30
—
Reserved. Must be 00.
29
RO
Relaxed ordering. The completer copies this field from the RO field of the requester
attributes. Bridges optionally use this to influence transaction ordering.
0 The requester requires that the transaction remain in strict order.
1 The requester guarantees that the transaction is not required to remain in strict order.
28:24
Tag
The completer copies this field from the tag field of the requester attributes. The requester
uses this information to identify the appropriate split completions.
23:16
Requester Bus
Number
The completer copies this field from the requester bus number field of the requester
attributes. The requester uses this information to identify the appropriate split completions.
15:11
Requester
Device Number
The completer copies this field from the requester device number field of the requester
attributes. The requester uses this information to identify the appropriate split completions.
10:8
Requester
Function Number
The completer copies this field from the requester function number field of the requester
attributes. The requester uses this information to identify the appropriate split completions.
7
—
Reserved. Must be 0.
6:0
Lower Address
The completer copies the 7 lsbs of the split request address if all of the following are true:
• The split request for this sequence is a burst read
• This is the first split completion of the sequence
• The split completion is not a split completion message.
If the split completion is disconnected on an ADB, this field is cleared when the sequence
resumes. If the split request is a DWORD transaction or the split completion is a split
completion message, this field is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com