Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 918 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 918 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 914Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 915Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 916Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 922Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 918 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
16-96
Freescale Semiconductor
PCI/PCI-X Bus Interface
Table 16-64 describes the fields of the attribute for PCI-X configuration transactions.
16.4.3.8 PCI-X Error Functions
PCI-X provides for parity and other system errors to be detected and reported. This section
describes generation and detection of parity and error reporting for the PCI-X bus.
16.4.3.8.1 Error Reporting
PCI-X provides for the detection and signaling of both parity and other system errors. Two signals
are used to report these errors—PCI_PERR and PCI_SERR. PCI_PERR is used exclusively to
report data parity errors on all transactions except special cycles. The PCI_SERR signal is used
for other error signaling including address parity errors and data parity errors on special-cycle
transactions; it may also be used to signal other system errors.
Note that some errors are enabled by programming two bits—one in the PCI bus command register
and another in the PCI/X error enable register (ERR_EN). Likewise, some errors are reported in
two bits—one in the PCI bus status register and another in the PCI/X error detect register
(ERR_DR). These bits must be cleared separately; that is, clearing one does not clear the other.
For example, clearing the ERR_DR[Mstr abort error] does not clear the received master abort bit
in the PCI bus status register. In these cases, both bits must be cleared before further error reporting
can occur.
Table 16-64. PCI-X Configuration Transaction Attribute Summary
AD
Name
Description
31:29
—
Reserved. Must be 0
28:24 Tag
Identifies up to 32 unique sequences from a single initiator. Tag is also a component of the
sequence ID.
23:16 Requester Bus
Number
Supplied by the bus number field in the PCI-X status register. The requester bus number is
also a component of the sequence ID.
15:11 Requester
Device Number
Supplied by the device number field in the PCI-X status register. The requester bus number
is also a component of the sequence ID.
10:8
Requester
Function Number
Supplied by the function number field in the PCI-X status register. The requester bus
number is also a component of the sequence ID.
7:0
Secondary Bus
Number
The number of the bus on which the Type 0 configuration transaction is executing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com