Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 921 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 921 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 917Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 918Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 919Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 920Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 921Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 922Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 923Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 924Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 925Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1302 page
background image
Initialization/Application Information
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
16-99
When an outbound PCI-X read transaction has been split and the split completion transaction
indicates a master-abort or a target-abort, the split-completion error message (SCEM) data field
contains information for setting the received master-abort or received target-abort bit in the PCI
bus status register (bits 13 and 12, respectively). However, for misaligned reads (that is, reads not
aligned on a 64-bit boundary), the error is not reflected in the PCI bus status register. The error is
reported in the PCI error detection register (ERR_DR) at 0x0_8E00. The master-abort or
target-abort can be inferred from the error data capture register (ERR_DL). Drivers that require
this information can read the ERR_DR register rather than the PCI bus status register.
16.5 Initialization/Application Information
This section describes some tips for use of the PCI/X controller.
16.5.1 Power-On Reset Configuration Modes
The PCI/X block can power-on in three modes: host mode, agent mode and agent configuration
lock mode. Certain bits in the configuration registers are set differently according to the POR
(power-on reset) mode. Also, certain configuration bits have different implications when
compared with past Freescale Semiconductor parts and PCI implementations. Note that after reset,
the device cannot be switched from one mode to another.
The affected configuration bits are defined in Table 16-66.
Table 16-66. Affected Configuration Register Bits for POR
Register
(offset)
Bi
t
Name
Register Description
PCI bus
command
register
(0x04)
2Bus
master
Controls whether the device can master a transaction on the PCI/X bus. If cleared, the device
can not master a transaction. This bit is independent of host or agent mode.
1
Memory
space
Controls acknowledgement of inbound memory transactions. If cleared, all inbound memory
accesses (including accesses to PCSRBAR space) end in a master abort. This bit is
independent of host or agent mode.
PCI bus
function
register
(0x44)
5
ACL
Valid only in agent mode. Controls acknowledgement of inbound configuration accesses.
If set, all inbound configuration accesses are retried. If cleared, inbound configuration
accesses are acknowledged.
In host mode all inbound configuration accesses end in master aborts.
0
PAH
Determines whether the device is in agent or host mode. Zero indicates host mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com