Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1080 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1080 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1077Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1079Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1081Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1082Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1083Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1084Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1080 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
19-2
Freescale Semiconductor
Performance Monitor
counters and takes priority over local control registers. The local control registers are divided into
two groups as follows:
•
Local control A registers control counter freezing, overflow condition enable, event
selection, and burstiness. Local control register PMLCA0, which controls counter PMC0,
does not contain event selection because PMC0 counts only cycles.
•
Local control B registers control the start and stop triggering, contain the counters’
threshold values, and the value of the threshold multiplier. Local control register PMLCB0,
which controls PMC0, does not contain threshold information because PMC0 only counts
cycles.
Figure 19-1. Performance Monitor Block Diagram
NOTE
Note that the performance monitor implemented on the core also uses
registers named PMCn and PMLCxn; however, these registers are
implemented on-chip, they are accessed using the EIS-defined mtpmr
and mtpmr instructions, and they do not interact with the
memory-mapped registers shown in Figure 19-1.
Performance monitor events are signalled by the functional blocks in the integrated device and are
selectively recorded in the PMCs. Sixty-four of these events are referred to as reference events,
Counters
Global Control Register
PMGC0
PMLCA3
PMLCB3
PMLCA2
PMLCB2
PMLCA1
PMLCB1
PMLCA0
PMLCB0
PMC1
PMC2
PMC3
...
Control Logic
Counters and Registers
Performance Monitor
Event 1
Event 2
Event 8
Event 3
Event 4
...
Event Signals
Interrupt (int)
Read Data
Output Signals
PMC8
PMLCA8
PMLCB8
Event 0
PMC0 (upper)
PMC0 (lower)
32-bit
Local Control Registers
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com