Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1077 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1077 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1077Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1078Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1079Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1080Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1081Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1077 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-29
Lock bit of the PCI Bus Function Register so that the device will not respond to configuration
transactions. Upon exiting sleep mode, software should return these configuration bits to their
normal state.
18.5.2 General-Purpose I/O Signals
Several groups of signals can optionally be used as general-purpose I/O signals when not being
used for their primary function. The general-purpose I/O functionality of these signals can be
enabled through configuration registers in the global utilities block. These signals are the
following:
•
PCI_AD[47:40] and PCI_AD[39:32]. When configured as general-purpose I/O,
PCI_AD[47:40] function as outputs and PCI_AD[39:32] function as inputs.
PCI_AD[47:32] can be used as general-purpose I/O if the PCI/PCI-X interface is disabled
or if the PCI/PCI-X controller is not in 64-bit mode.
•
TSEC2_RxD[0:7] and TSEC2_TxD[0:7]. TSEC2 pins are fixed as either inputs or outputs
based on the direction of the signal’s primary function. The TSEC2_TxD pins are always
outputs, so these signals may only be used as outputs when configured as general-purpose
I/O. Similarly, the TSEC2_RxD pins are used as inputs when configured as
general-purpose I/O.
The TSEC2 TxD and RxD pins are available when the TSEC2 block is disabled. The TxD
signals can then be enabled as general-purpose outputs and the RxD pins can be enabled as
general-purpose inputs.
When configured as general-purpose I/O signals, software can read inputs by reading the
associated GPIO data register. Output values can be set by writing the to the associated GPIO data
register. For details regarding the control and status of the general-purpose I/O signals, see
Section 18.4.1.7, “General-Purpose I/O Control Register (GPIOCR).”
18.5.3 Interrupt and Local Bus Signal Multiplexing
The MPC8540 has very little signal multiplexing. Two sets of DMA channel triggering signals can
alternately be placed on other signals as follows:
•LCS[5:7] are multiplexed with DMA channel 2 DMA_DREQ2, DMA_DACK2, and
DMA_DONE2.
•
IRQ[9:11] are multiplexed with DMA channel 3 DMA_DREQ3, DMA_DACK3, and
DMA_DDONE3.
For details regarding the selection of the alternate function DMA trigger, see Section 18.4.1.10,
“Alternate Function Signal Multiplex Control Register (PMUXCR).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com