Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1073 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1073 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1076Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1077Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-25
The column in Table 18-23 showing the global utilities block as initiating a low-power mode
corresponds to the external masters that can write to the POWMGTCSR that resides in the global
utilities block. For the MPC8540, these are the RapidIO and PCI/PCI-X interfaces. However, note
that the core can also write to POWMGTCSR and, in this case, can initiate power management
through the global utilities block.
As shown in Figure 18-20, the e500 core enters low-power modes only in response to the
core_halt, core_stop, or core_tben inputs from the MPC8540’s power management logic. These
inputs may be prompted by the core (by setting the NAP, DOZE, or SLEEP bits in the HID0 when
enabled by setting MSR[WE]) or by an external master (by setting POWMGTCSR[DOZ,SLP].
Figure 18-20 shows how all the clocking to the core timer facilities is disabled by clearing
HID0[TBEN]. When enabled, (HID0[TBEN] = 1), the clock source is either the CCB clock
divided by eight (the default) or a synchronized version of the RTC input. For more details, see
Section 6.10.1, “Hardware Implementation-Dependent Register 0 (HID0).”
Table 18-23. Power Management Entry Protocol and Initiating Functional Units
Low-
Power
Mode
Entry Protocol
Initiating Functional Unit
Global Utilities
Core
Doze
1. Assert core_halt input to core.
2. Wait for core_halted handshake from core.
√√
Nap
1. Follow doze protocol
2. Assert core_stop input to core.
3. Wait for core_stopped handshake from core.
—
√
Sleep
1. Follow doze protocol; send stop requests to rest of device.
2. Follow nap protocol.
3. Wait for all interfaces to acknowledge stop requests.
4. Assert ASLEEP, negate READY, power down all clocks except to PIC unit
√√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com