Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1072 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1072 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1074Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1075Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1076Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1072 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-24
Freescale Semiconductor
Global Utilities
18.5.1.5.3 Sleep Mode
In sleep mode, all clocks internal to the e500 core are turned off, including the timer facilities
clock. All I/O interfaces in the device logic are also shut down. Only the clocks to the MPC8540
PIC are still running so that an external interrupt can wake up the device. Note that the DDR
controller does not shut down unless DDR_SDRAM_INTERVAL[REFINT] is set to a non-zero
value. See Section 9.4.1.7, “DDR SDRAM Interval Configuration
(DDR_SDRAM_INTERVAL),” for details.
After the core and I/O interfaces have shut down, ASLEEP is asserted and READY is negated.
NOTE
Only external interrupts can wake the MPC8540 from sleep mode.
Internal interrupt sources like the core interval timer or watchdog
timer depend on an active clock for their operation and these are
disabled in sleep mode.
18.5.1.6 Power Management Control Fields
The e500 core provides the following fields to signal power management requests to the MPC8540
device logic.
•
MSR[WE]—Used to qualify the values of HID0[DOZE,NAP,SLEEP] in the generation of
the internal doze, nap, and sleep signals
•
HID0[DOZE]—Signals the MPC8540 to initiate doze mode
•
HID0[NAP]—Signals the MPC8540 to initiate nap mode
•
HID0[SLEEP]—Signals the MPC8540 to initiate sleep mode
These register fields and their functional relationship are shown in Figure 18-20. The e500
Reference Manual has details on accessing these power management control bits.
An external master can also initiate power management requests by setting the DOZ or SLP bits
in the memory-mapped power management control and status register (POWMGTCSR). Because
the core responds to snoops while dozing but not while napping, maintaining cache coherency
requires significant preparation by the core before entering nap mode. For this reason only the core
can initiate a nap during normal operation while other masters can initiate a doze.
18.5.1.7 Power-Down Sequence Coordination
To preserve cache coherency and otherwise avoid loss of system state, the core’s transition to
low-power modes is coordinated by a set of handshaking signals, shown in Figure 18-20, and
protocols with all other MPC8540 functional blocks that respond to power-down requests. The
mode-transition protocol is executes automatically under these conditions and is shown in
Figure 18-19 and described in Table 18-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com