Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1069 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1069 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1071Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1072Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1073Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1069 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-21
18.5 Functional Description
This section describes the global utilities from a functional perspective.
18.5.1 Power Management
The MPC8540 has features to minimize power consumption at several levels. Dynamic power
management locally minimizes power consumption when a block is idle. Software can also shut
down clocks to individual blocks when they are not needed through a memory-mapped register
(DEVDISR). Additionally, software running on the e500 core can access the core’s SPRs to put
the device into doze, nap, or sleep power down state. Finally, software can access a
memory-mapped register (POWMGTCR) in the global utilities block to put the device in the doze
or sleep states.
Note that the software that writes to either DEVDISR or POWMGTCR can be running either on
the e500 core or on an external master that can write to the MPC8540 memory-mapped registers
through the RapidIO or PCI interfaces.
These features are described in further detail in this section.
18.5.1.1 Relationship Between Core and Device Power Management States
The MPC8540 has three low-power states: doze, nap, and sleep. The mapping of core and device
power management states is shown in Figure 18-19 showing state transitions from the perspective
of the e500 core.
Figure 18-19. e500 Core Power Management State Diagram
Core-Halted
Core-Stopped
core_halt & ¬core_stop
core_stop
¬core_halt
core_halt
¬core_stop
core_stop & core_halt
Full On
¬core_halt
(Doze)
(Nap)
Core-Stopped
¬core_tben
(Sleep)
¬core_tben
core_tben



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com