Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1065 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1065 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1065 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-17
For more information about RFXE, see Section 6.10.2, “Hardware Implementation-Dependent
Register 1 (HID1).”
Figure 18-13. Machine Check Summary Register (MCPSUMR)
Table 18-16 describes the bit settings of MCPSUMR.
18.4.1.14 Processor Version Register (PVR)
Shown in Figure 18-14, the PVR contains the e500 processor version number. It is a
memory-mapped copy of the PVR in the e500 core (and is therefore accessible to external
devices). See Section 6.5.3, “Processor Version Register (PVR).” Section 5.2, “e500 Processor
and System Version Numbers,” lists the complete values for the MPC8540.
0
28
29
30
31
R 000000000000000000
0 0000000000
WRS SRESET MCP_IN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0090
Table 18-16. MCPSUMR Field Descriptions
Bits
Name
Description
0–28
—
Reserved
29
WRS
Watchdog timer machine check
0 Machine check exception was not caused by watchdog timer
1 Machine check was caused by a soft reset condition from the e500 watchdog timer as configured
in the core’s TSR. Specifically, TSR[WRS] = 01 and a watchdog reset condition occurred.
30
SRESET Soft reset machine check
0 Machine check exception was not caused by SRESET assertion
1 Machine check exception was caused by the assertion of the SRESET input signal
31
MCP_IN MCP signal asserted
0 Machine check exception was not caused by MCP assertion
1 Machine check exception was caused by the assertion of the MCP input signal
015 16
31
R
Version
Revision
W
Reset
0x8020_nnnn
Offset
0xE_00A0
Figure 18-14. Processor Version Register (PVR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com