Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1066 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1066 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1067Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1068Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1069Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1070Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1066 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-18
Freescale Semiconductor
Global Utilities
Table 18-17 describes the fields of PVR.
18.4.1.15 System Version Register (SVR)
Shown in Figure 18-15, the SVR contains the system version number for the MPC8540
implementation. This value can also be read though the SVR SPR of the e500 core. See
Section 6.5.4, “System Version Register (SVR).” Section 5.2, “e500 Processor and System
Version Numbers,” lists the complete values for the MPC8540.
Table 18-18 describes the fields of SVR.
18.4.1.16 Clock Out Control Register (CLKOCR)
Shown in Figure 18-16, the CLKOCR contains control bits that select the clock sources to be
placed on the clock out (CLK_OUT) signal.
Table 18-17. PVR Field Descriptions
Bits
Name
Description
0–15
Version
A 16-bit number that identifies the version of the processor. Different version numbers indicate major
differences between processors, such as which optional facilities and instructions are supported.
16–31 Revision A 16-bit number that distinguishes between implementations of the version. Different revision
numbers indicate minor differences between processors having the same version number, such as
clock rate and engineering change level.
0
31
R
System Version
W
Reset
0x8030_nnnn
Offset
0xE_00A4
Figure 18-15. System Version Register (SVR)
Table 18-18. SVR Field Descriptions
Bits
Name
Description
0–31
SV
System version for the MPC8540 system logic
01
29
30
31
R
ENB
0 0 0 0 0 0 0 000 00 00 00 00 00 000 00 00 00
CLK_SEL
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0E00
Figure 18-16. Clock Out Control Register (CLKOCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com