Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1062 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1062 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1065Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1066Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-14
Freescale Semiconductor
Global Utilities
All functional blocks are enabled after reset; unneeded blocks can be disabled to reduce power
consumption or allow their signals to be used as general-purpose I/O signals. See Section 18.4.1.7,
“General-Purpose I/O Control Register (GPIOCR).” Blocks disabled by DEVDISR must not be
re-enabled without a hard reset. Section 18.5.1.4, “Shutting Down Unused Blocks,” has more
information on the use of DEVDISR. Table 18-14 describes DEVDISR fields.
.
Table 18-14. DEVDISR Field Descriptions
Bits
Name
Description
0
PCI
PCI/PCI-X controller disable
0 PCI/PCI-X controller enable
1 PCI_AD[63:32] may be used as general-purpose I/O
1–3
—
Reserved
4
LBC
Local bus controller disable
0 Local bus controller enable
1 Local bus controller disable
5–10
—
Reserved
11
L2
Level-2 cache disable
0 L2 cache enable
1 L2 cache disable
12
RIO
RapidIO controller disable
0 RapidIO controller enable
1 RapidIO controller disable, including RapidIO messaging, doorbell, and port write controllers.
13–14
—
Reserved
15
DDR
DDR SDRAM controller disable
0 DDR SDRAM controller enable
1 DDR SDRAM controller disable
16
E500
e500 core disable
0 e500 core enable
1 e500 core disable. Places the core in the core-stopped state in which it does not respond to
interrupts. Equivalent to nap mode. Instruction fetching is stopped, snooping is disabled, and
clocks are shut down to all functional units of the core except for the timer facilities.
For more information, see Section 18.5.1.4, “Shutting Down Unused Blocks.”
17
TB
Time base (timer facilities) of the e500 core disable
0 Timer facilities enabled
1 Timer facilities disabled
18–20
—
Reserved
21
DMA
DMA controller disabled
0 DMA controller enabled
1 DMA controller disabled
22–23
—
Reserved
24
TSEC1 Three-speed Ethernet controller 1 disable
0 TSEC1 enabled
1 TSEC1 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com