Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1058 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1058 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-10
Freescale Semiconductor
Global Utilities
Table 18-9 describes the bit settings of GPPORCR.
18.4.1.7 General-Purpose I/O Control Register (GPIOCR)
Shown in Figure 18-7, GPIOCR contains the enable bits for each group of pins that may be used
for general-purpose I/O. These bits have meaning only if the pins are not being used for their
primary function. Note that when these signals are enabled as general-purpose I/O signals, they
are read and written through GPINDR and GPOUTDR described in Section 18.4.1.9,
“General-Purpose Input Data Register (GPINDR),” and Section 18.4.1.8, “General-Purpose
Output Data Register (GPOUTDR).” Section 18.5.2, “General-Purpose I/O Signals,” describes
the use of general-purpose I/O signals.
Table 18-10 describes the bit settings of GPIOCR.
Table 18-9. GPPORCR Field Descriptions
Bits
Name
Description
0–31 POR_CFG_VEC General-purpose POR configuration vector sampled from local bus address/data signals at
the negation of HRESET. Note that if nothing is driven on these signals during reset, the
value of this register is indeterminate.
05
6
7
8
13
14
15
16
31
R 0 0
00 0 0
Tx2out Rx2in
000000
PCIout PCIin
00
0 0 000000000000
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xE_0030
Figure 18-7. General-Purpose I/O Control Register (GPIOCR)
Table 18-10. GPIOCR Field Descriptions
Bits
Name
Description
0–5
—
Reserved
6
Tx2out TSEC2_Tx[0:7] output enable. Used to enable TSEC2_Tx[0:7] for use as general-purpose output if the
TSEC2 interface is disabled
0 TSEC2_Tx[0:7] is not used as general-purpose output.
1 TSEC2_Tx[0:7] is used as general-purpose output.
7
Rx2in
TSEC2_Rx[0:7] input enable. Used to enable TSEC2_Rx[0:7] for use as general-purpose input if the
TSEC2 interface is disabled
0 TSEC2_Rx[0:7] is not used as general-purpose input.
1 TSEC2_Rx[0:7] is used as general-purpose input.
8–13
—
Reserved
14
PCIout PCI_AD[47:40] output enable. Used to enable PCI_AD[47:40] for use as general-purpose output if PCI
interface is in 32-bit mode or is disabled
0 PCI_AD[47:40] is not used as general-purpose output.
1 PCI_AD[47:40] is used as general-purpose output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com