Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1060 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1060 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1061Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1062Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1063Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1064Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1060 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-12
Freescale Semiconductor
Global Utilities
18.4.1.9 General-Purpose Input Data Register (GPINDR)
GPINDR, shown in Figure 18-9, contains the data currently sampled as general-purpose input on
TSEC2_RxD[0:7] and/or PCI_AD[39:32] when either of these buses is configured as
general-purpose I/O buses in GPIOCR (see Section 18.4.1.7, “General-Purpose I/O Control
Register (GPIOCR)”). GPINDR bits are updated only if the associated bits are configured as
general-purpose input pins rather than their primary functions.
Table 18-11 describes the fields of GPINDR.
18.4.1.10 Alternate Function Signal Multiplex Control Register (PMUXCR)
Shown in Figure 18-10, PMUXCR contains bits that enable DMA channels 2 and 3 which exist as
alternate functions on local bus chip select pins LCS[5:7], and interrupt input pins IRQ[9:11],
respectively. Specifically, DMA request, acknowledge, and done signals comprise the secondary
functions for the associated IRQ and local bus chip select signals.
015 16
31
R
GPIN
0
0
0000
00000
0000
0
W
Reset
nnnn_nnnn_nnnn_nnnn_0000_0000_0000_0000
Offset
0xE_0050
Figure 18-9. General-Purpose Output Data Register (GPINDR)
Table 18-12. GPINDR Field Descriptions
Bits
Name
Description
0–15
GPIN General-purpose input data. When the corresponding signals are configured to be general-purpose
input signals, the values sampled on these signals are reflected in GPIN. GPINDR[0:7] corresponds to
TSEC2_RxD[0:7]. GPINDR[8:15] corresponds to PCI_AD[39:32] as follows:
GPINDR[8]
↔ PCI_AD[39]
GPINDR[9]
↔ PCI_AD[38]
GPINDR[10]
↔ PCI_AD[37]
GPINDR[11]
↔ PCI_AD[36]
GPINDR[12]
↔ PCI_AD[35]
GPINDR[13]
↔ PCI_AD[34]
GPINDR[14]
↔ PCI_AD[33]
GPINDR[15]
↔ PCI_AD[32]
16–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com