Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1056 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1056 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1058Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1059Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1060Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1056 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
18-8
Freescale Semiconductor
Global Utilities
Table 18-7 describes the bit settings of PORDEVSR.
0
1
5
6
7
8
9
13
14
1516
21
22
23
24
28 2931
R ECW 000 00 ECP PCI 00 00 0 PCI_ARB PCI32 0 0 0 0 0 0 RIOCLK 0 000 0 DEV_ID
W
Reset
n000_00nn_n000_00nn_0000_00nn_0000_0nnn
Offset
0xE_000C
Figure 18-4. POR Device Status Register (PORDEVSR)
Table 18-7. PORDEVSR Field Descriptions
Bits
Name
Description
0
ECW
Gigabit Ethernet controller width
0 Reduced (RGMII, RTBI)
1 Full (MII, GMII, TBI)
1–5
—
Reserved
6-7
ECP
Gigabit Ethernet controller protocol
00 Both TSEC blocks use a Media Independent Interface protocols (MII/GMII/RGMII)
01 TSEC1 uses MII, TSEC2 uses TBI
10 TSEC1 uses TBI, TSEC2 uses MII
11 Both TSEC blocks use a ten bit interface protocol (TBI or RTBI)
8
PCI
PCI/PCI-X mode
0 PCI-X mode
1 PCI mode
9–13
—
Reserved
14
PCI_ARB PCI/PCI-X arbiter enable
0 PCI/PCI-X arbiter is disabled
1 PCI/PCI-X arbiter is enabled
15
PCI32
PCI/PCI-X interface width
0 64-bit
1 32-bit
16–21
—
Reserved
22–23
RIOCLK
RapidIO transmit clock source
00 Reserved
01 RapidIO receive clock
10 RapidIO transmit clock input
11 CCB clock (default)
24–28
—
Reserved
29–31
DEV_ID
RapidIO device ID [5:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com