Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1053 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1053 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1054Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1055Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1056Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1057Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1053 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-5
Table 18-4 describes the bit settings of PORPLLSR.
18.4.1.2 POR Boot Mode Status Register (PORBMSR)
The PORBMSR, shown in Figure 18-2, reports setting of the POR configuration pins that control
the boot mode settings (described in Section 4.4.3.3, “Boot ROM Location,” Section 4.4.3.5,
“CPU Boot Configuration,” and Section 4.4.3.6, “Boot Sequencer Configuration,”) and the
default settings of RapidIO and PCI host/agent modes (described in Section 4.4.3.4, “Host/Agent
Configuration”).
For information about how the RapidIO interface is configured, see Section 17.3.1.19, “Port
General Control Command and Status Register (PGCCSR).” For more information about the PCI
configurations, see Section 16.3.2.19, “PCI Bus Function Register (PBFR).” Figure 18-5
describes the bit settings of the PORBMSR.
Table 18-4. PORPLLSR Field Descriptions
Bits
Name
Description
0–9
—
Reserved
10–15 e500_Ratio Clock ratio between the e500 core and the CCB clock. The 2 lsbs of this field correspond to the
values on cfg_core_pll[0:1] at the negation of HRESET. Patterns not shown are reserved.
0001002:1
0001015:2
0001103:1
0001117:2
16–25
—
Reserved
26–30
Plat_Ratio
Clock ratio between the CCB (platform) clock and SYSCLK. The 4 lsbs correspond to the values
on cfg_sys_pll[0:3] at the negation of HRESET. Patterns not shown are reserved.
000102:1
000113:1
001004:1
001015:1
001106:1
010008:1
010019:1
0101010:1
0110012:1
1000016:1
31
—
Reserved
0
1
4
5
7
8
9
10
11
1213 1415 16
31
R BCFG 0 0 0 0 ROM_LOC 0
0 BSCFG 0
0
HA
0
0 00 00 00 00 00 0 0 0
0
W
Reset
n000_0nnn_00nn_00nn_0000_0000_0000_0000
Offset
0xE_0004
Figure 18-2. POR Boot Mode Status Register (PORBMSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com