Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1049 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1049 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1049Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1050Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1051Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1052Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1053Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1049 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
18-1
Chapter 18
Global Utilities
This chapter describes the global utilities of the MPC8540. It provides signal descriptions, register
descriptions, and a functional description of these utilities.
18.1 Overview
The global utilities block controls power management, I/O device enabling, power-on reset (POR)
configuration monitoring, general-purpose I/O signal configuration, alternate function selection
for multiplexed signals, and clock control.
18.2 Global Utilities Features
This section provides an overview of global utilities features.
18.2.1 Power Management and Block Disables
The following features affect the overall power consumption of the device:
•
Dynamic power management mode
•
Software-controlled power management (doze, nap, sleep)
•
Externally controlled power management (doze, sleep)
•
Static power management (I/O block disables)
18.2.2 Accessing Current POR Configuration Settings
The POR configuration values of all device parameters sampled from pins at reset are available
through memory-mapped registers in the global utilities block.
18.2.3 General-Purpose I/O
The PCI and TSEC2 data bus signals can be used as general-purpose I/O signals when not used
for their primary function. Memory-mapped registers in the global utilities block provide control
and status for the use of these signals. A general purpose input register is loaded with the values
of the local bus address/data pins at the negation of HRESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com