Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1045 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1045 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1048Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1049Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1045 / 1302 page
background image
RapidIO Message Unit
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-121
17.8.4.4.3 Retry Response Conditions
There is one condition in which a doorbell message is logical layer retried (response retry):
•
Doorbell request received and the doorbell circular queue is full
17.8.4.4.4 Error Response Conditions
Several conditions cause a logical layer error response (response error):
•
Doorbell controller is error state
•
Doorbell controller is not enabled
17.8.4.4.5 Doorbell Controller Interrupts
The doorbell controller generates the following two different interrupts that can be individually
enabled:
•
Doorbell-in-queue interrupt. Generated each time the circular queue becomes not empty
and the interrupt is enabled. DSR[DIQI] is set if DMR[DIQIE] is set
•
Queue full interrupt. Generated each time the circular queue becomes full and the interrupt
is enabled. DSR[QFI] is set if DMR[QFIE] is set
17.8.4.5 Port-Write Controller Structure
The implementation of the port-write controller is very similar to the inbound message hardware.
The port-write is intended as an error reporting mechanism from an end-point-free device to a
control processor or other system host.
Figure 17-87 shows an example of the structure of the inbound queue and pointer. The port-write
queue only contains one entry with a fixed size of 64 bytes and aligned to a cache line boundary.
The port-write controller puts an incoming port-write data payload in the location indicated by the
pointer and then sets its PWSR[QFI] if PWMR[QFIE] is set. The processor core must explicitly
clear PWSR[QFI] after servicing the port-write. While the full bit is set, or if it is busy handling a
previous port-write, or the port-write controller is not enabled, the controller silently discards all
incoming port-write packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com