Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1044 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1044 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1044Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1045Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1046Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1047Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1048Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1044 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-120
Freescale Semiconductor
RapidIO Interface
17.8.4.4.1 Inbound Doorbell Reception
The following sequence of events occurs during reception of a doorbell message:
•
The inbox receives a doorbell message request from the RapidIO port. If the inbox is
enabled (DMR[DE] = 1) and it is not busy with another doorbell message (DSR[DB] = 1),
then the doorbell message is accepted.
•
The 16-bit information field is stored in local memory using the value of DQDPAR.
•
The enqueue pointer is incremented to point to the next doorbell queue entry in local
memory.
•
An interrupt is generated if enabled (DMR[DIQIE] = 1). The interrupt is held until the
dequeue pointer equals the enqueue pointer and the doorbell queue is empty. That is, as long
as doorbell messages exist in memory that have not been serviced and the interrupt is
enabled, the interrupt remains asserted.
17.8.4.4.2 Doorbell Queue Entry Format
This section defines the format of the doorbell information written to memory by the doorbell
controller. Each doorbell entry in the queue has two 32-bit offsets, one for target information and
one for source information. Table 17-104 shows the target information.
Table 17-105 shows the source information.
Figure 17-86 shows the doorbell queue entry fields and their related offsets.
Figure 17-86. Doorbell Entry Format
Table 17-104. Target Information Definition
Bits
Name
Description
0–23
—
Reserved
24–31
TID
Target ID field from the received doorbell packet
Table 17-105. Source Information Definition
Bits
Name
Description
0–7
—
Reserved
8–15
SID
Source ID field from the received doorbell packet
16–31
INFO
Information field from the received doorbell packet
0b000
0b100
Target info
Local Memory
Offset
Source info
31
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com