Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1040 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1040 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1040Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1041Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1042Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1043Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1044Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-116
Freescale Semiconductor
RapidIO Interface
queue, the message unit controller starts a new message operation with the control parameters
specified by the descriptor. Table 17-103 describes the outbound message unit descriptor.
Figure 17-83 shows the queue dequeue pointer and an associated descriptor. The descriptor is only
valid if the enqueue and dequeue pointers are not equal.
Figure 17-83. Descriptor Dequeue Pointer and Descriptor
17.8.4.2.5 Outbox Controller Interrupts
The outbox generates the following four interrupts, which can be individually enabled.
•
Queue overflow interrupt. Generated if the enqueue pointer passes the dequeue pointer and
the queue is full and the interrupt is enabled. OSR[QOI] is set if OMR[QOIE] is set.
•
Queue full interrupt. Generated if the enqueue pointer catches up to the dequeue pointer,
the queue is not empty, and the interrupt is enabled. OSR[QFI] is set if OMR[QFIE] is set.
Table 17-103. Outbound Message Unit Descriptor Summary
Offset
Descriptor Field
Description
0x00
Reserved
—
0x04
Source address
Source address of the message operation. After the message controller reads the
descriptor from memory, this field is loaded into the source address register.
0x08
Destination port
Destination port of the message operation. After the message controller reads the
descriptor from memory, this field is loaded into the destination port register.
0x0C
Destination attributes Transaction attributes of the message operation. After the message controller reads the
descriptor from memory, this field is loaded into the destination attributes register.
0x10
Reserved
—
0x14
Reserved
—
0x18
Double-word count
Number of double words for the message operation. After the message controller reads
the descriptor from memory, this field is loaded into the double-word count register.
0x1C
Reserved
—
Descriptor Dequeue Pointer Address Register
Descriptor
31
0
0x00
0x08
0x18
0x10
0x04
Destination Port
Reserved
Double-Word Count
Reserved
Local Memory
Offset
0x14
Source Address
0x0C
Reserved
31
0
0x1C
Destination Attributes
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com