Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1036 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1036 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1039Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1040Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1036 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-112
Freescale Semiconductor
RapidIO Interface
direct mode, software programs the necessary registers to point to the beginning of the message in
memory. In chaining mode, software programs the necessary registers to point to the beginning of
the first valid descriptor in memory. The hardware then reads the descriptor to load all the
necessary registers to start the message transfer.
17.8.4.2.1 Direct Mode Operation
In direct mode, OMR[MUTM] is set and the outbox controller does not read descriptors from
memory, but instead uses the current parameters programmed in the outbox registers to start the
transfer. In direct mode, software is responsible for initializing all the parameters in all the
necessary registers to start the message transmission. The message transfer is started when the
outbox start bit, OMR[MUS], in the outbound mode register transitions from a 0 to 1 and the
outbox is not already busy. Software is expected to program all the appropriate registers before
setting OMR[MUS]. The sequence of events to start and complete a transfer in direct mode is as
follows:
•
Poll the status register message unit busy bit, OSR[MUB], to make sure the message unit
is not busy with a previously initiated message.
•
Initialize the source address (OSAR), destination port (ODPR), destination attributes
(ODATR) and double-word count (ODCR) registers.
•
Initialize the outbound mode register message unit transfer mode bit, OMR[MUTM] = 1,
to indicate direct mode. Other control parameters must also be initialized in the mode
register.
•
Clear, then set the mode register message unit start bit, OMR[MUS], to start the message
transfer.
•
OSR[MUB] is set by the outbox controller to indicate that the message transfer is in
progress.
•
OSR[MUB] is cleared by the outbox controller after the transfer is finished or if a transfer
error occurs.
•
An end of message interrupt is generated if ODATR[EOMIE] is set.
17.8.4.2.2 Chaining Mode Operation
In chaining mode, OMR[MUTM] = 0 in the outbound mode register, and message descriptors are
built in local memory in a circular queue. Two options are available to the programmer in chaining
mode: normal mode and list mode. In normal mode, software can initialize the outbox controller
registers and then build the descriptors in memory. ODQEPAR is maintained and incremented by
hardware, but the increment is controlled by software. Software should build descriptors in
memory using the enqueue pointer address and can have the hardware increment the enqueue
pointer by writing OMR[MUI] to a value of 1. Software can then read the value of the enqueue
pointer to write the next descriptor in memory and then increment the enqueue pointer by writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com