Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1032 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1032 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1036Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-108
Freescale Semiconductor
RapidIO Interface
transaction type, and the target interface to the transaction. The RapidIO controller has four
inbound ATMU windows plus the default window 0. The default window is always enabled.
Overlapping inbound window hits result in the use of the lowest number window register set hit.
17.7.2.1 Inbound ATMU LCSBA1CSR Window
There is an additional inbound window that is used for inbound translation. It is a special condition
for external accesses to LCSBA1CSR (local configuration space base address register) address
space. The purpose of the LCSBA1CSR window is to allow external devices to access the
LCSBA1CSR address space without knowledge of the internal memory map. When a remote
device attempts to access the LCSBA1CSR register set (address hitting LCSBA1CSR window),
the lower 20 bits are used as the offset to access the specific register in the LCSBA1CSR address
space. The LCSBA1CSR window has the highest priority for inbound translation. If the inbound
transaction’s address does not hit the LCSBA1CSR window or any of the four inbound ATMU
windows (1–4), the translation attributes defined by the default window (window 0) are used.
The LCSBA1CSR window does not have specific RIWBAR, RIWTAR or RIWAR registers.
However, for the purposes of translation, bits 1–14 of the LCSBA1CSR correspond to bits 10–23
of RIWBARn, and bits 12–23 of the CCSRBAR correspond to bits 12–23 of RIWTARn. The
hard-coded attributes for this window as they correspond to the RIWAR register fields are:
EN = 0b1, TGINT = 0b1111, RDTYP and WRTYP = 0b0100 and SIZE = 0b010011.
17.7.2.2 Inbound ATMU Bypass Mode
Just as some outbound transactions may bypass outbound ATMU translation, some inbound
transactions may also bypass ATMU translation because the address associated with the original
transaction is already mapped to the appropriate address space. Inbound messages, doorbells and
port-writes go through a different form of address mapping and are not mapped through the
ATMU. These transactions have the stash and cache_lock attributes cleared. Similarly, the
no_snoop bit is set according to the corresponding programming model of the specific transaction
type regardless of the value specified in the RIWAR of the selected ATMU window. For more
information about these transactions, see Section 17.8.4.1, “Data Message Controller,”
Section 17.8.4.4, “Doorbell Message Controller,” and Section 17.8.4.5, “Port-Write Controller
Structure.”
17.7.2.3 Inbound Special Transactions and Requirements
Just as with outbound translation, some inbound transactions require special handling to comply
with the Parallel RapidIO Interconnect Specification. For example, inbound I/O read home and
flush with data transactions require special handling. Snooping is enabled for these transactions
regardless of the no-snoop value specified in the RIWAR of the selected window. Furthermore,
these transactions should target local memory. Targeting any other interface is a programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com