Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1029 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1029 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1029 / 1302 page
background image
RapidIO Errors
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-105
Table 17-102 lists the fatal errors detected by the RapidIO implementation and the resulting
actions taken.
Table 17-102. Fatal Errors Detected by RapidIO Controller
Error
Description
Action
Capture Registers
Link response
time-out
A link response is not received within the
specified time-out interval.
Generates interrupt if enabled
(PNFEIER[LTIE] is cleared)
No information logged in
capture register(s) Resume
training on the interface.
Packet response
time-out
A packet response is not received within
the specified time-out interval.
Generates interrupt if enabled
(PNFEIER[RSTIE] is cleared)
No information logged in
capture registers.
Missing idle after
training
Idle not received after a requested
training sequence completes
Generates interrupt if enabled
(PNFEIER[NTIIIE] is cleared)
No Information logged in
capture register(s)
Message segment
error
Received a message packet with the
segment field greater than the message
length field (msgseg > msglen)
Generates interrupt if enabled
(PNFEIER[SIE] is cleared)
No information logged in
capture register(s)
Duplicate message
segment
Received a duplicate message segment
from RapidIO
Generates interrupt if enabled
(PNFEIER[DSIE] is cleared)
No information logged in
capture register(s)
Message length
error
Received a message packet from
RapidIO with a bad message length
Generates interrupt if enabled
(PNFEIER[BMIE] is cleared)
No information logged in
capture register(s)
Nonsensical ackID
AckID received with link response does
not make sense
Generates interrupt if enabled
(PNFEIER[NAIE] is cleared)
No information logged in
capture register(s). Resume
training on the interface.
HRESET required to
resume normal operation.
Illegal request fields
Illegal combinations of fields in the
request packet. Examples include:
illegal transaction types, illegal sizes
Generates interrupt if enabled
(PNFEIER[IRFIE] is cleared)
Information logged in
RapidIO capture register(s)
Unexpected request
data
Read type with a data payload
Generates interrupt if enabled
(PNFEIER[URDIE] is cleared)
Information logged in
RapidIO capture register(s)
Unsupported
request
Unsupported packet format type, or
transport type (TT bits)
Generates interrupt if enabled
(PNFEIER[URIE] is cleared)
Information logged in
RapidIO capture register(s)
Unexpected request
size
Packet data is not expected size
Generates interrupt if enabled
(PNFEIER[URSIE] is cleared)
Information logged in
RapidIO capture register(s)
Illegal write request
Write types with no data payload.
Generates interrupt if enabled
(PNFEIER[IWRIE] is cleared)
Information logged in
RapidIO capture register(s)
Illegal response
fields
Illegal combinations of fields in the
response packet
Generates interrupt if enabled
(PNFEIER[IRSFIE] is cleared)
Information logged in
RapidIO capture register(s)
Illegal response type Illegal response for a given request type
Generates interrupt if enabled
(PNFEIER[IRTIE] is cleared)
Information logged in
RapidIO capture register(s)
Bad read response
Read “done” response with no data
payload
Generates interrupt if enabled
(PNFEIER[BRRIE] is cleared)
Information logged in
RapidIO capture register(s)
Bad write response
Write response with a data payload
Generates interrupt if enabled
(PNFEIER[BWRIE] is cleared)
Information logged in
RapidIO capture register(s)
Unexpected
response data size
Response packet data is not expected
size
Generates interrupt if enabled
(PNFEIER[URSSIE] is cleared)
Information logged in
RapidIO capture register(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com