Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1033 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1033 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1037Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1033 / 1302 page
background image
RapidIO Message Unit
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-109
error and results in undefined behavior. Also, I/O read home transactions can request less data than
the maximum of 32 bytes.
Inbound reads that target the PCI controller should have a priority of zero as a special requirement.
Similarly, inbound writes targeting the PCI interface must have a priority of one. Inbound nwrite_r
transactions that target the PCI interface are not allowed. These requirements insure proper
processing through the PCI interface.
Inbound swrite transactions must not be smaller than a double-word, and atomic transactions may
only request one, two or four bytes. Furthermore, atomic transactions must meet the RapidIO
alignment requirements as specified in the Parallel RapidIO Interconnect Specification and must
target the DDR memory controller. Inbound atomic transactions targeting interfaces other than the
DDR memory controller result in boundedly undefined behavior. Also, all inbound maintenance
transactions must have a size of four bytes.
The Parallel RapidIO Interconnect Specification should be referenced for any additional
requirements that are not listed in this section.
17.7.2.4 ATMU Boundary Crossing Errors
During address translation and mapping, some transactions may generate an error condition and
signal an interrupt. To prevent inbound and outbound transactions from corrupting local memory
space, ATMU boundary crossing errors are detected. An error is detected when an inbound or
outbound transaction has a data payload that crosses its selected ATMU window boundary. An
error is also detected when the given transaction’s data payload crosses into the space of a
higher-priority window. The settings of the port notification/fatal error register set described in
Section 17.3.2.3, “Error Management Registers,” determine if the error condition is detected and
if PNFEDR[AXE] is set. The settings in this register set also determine if an interrupt is signalled
upon detection of the error condition.
17.8 RapidIO Message Unit
This description is an extension of Section 17.7.1, “Outbound ATMU Translation,” and
Section 17.7.2, “Inbound ATMU Translation.” It describes the operation of the data message and
doorbell message controllers in the message unit. The message unit is compliant with the message
passing logical specification in the Parallel RapidIO Interconnect Specification.
17.8.1 Overview
The RapidIO message unit supports a message passing programming model for inter-processor
and inter-device communication. This model enables a producer to send a message across the
interconnect fabric to a consumer’s message hardware, called a mailbox. The receiving mailbox
controller places the message in a queue located in main (DDR) memory. A message may consist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com