Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1035 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1035 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1035Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1036Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1037Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1038Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1039Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1035 / 1302 page
background image
RapidIO Message Unit
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-111
17.8.3 Message Unit Modes of Operation
The message unit operates in the following modes:
•
Direct mode—Software is expected to program all the necessary registers for sending an
outbound message.
•
Chaining mode—A transfer descriptor that describes the message information is fetched
from local memory before a message is sent.
17.8.4 RapidIO Messaging Description
This section describes controller operations, formats, interrupts, and response conditions.
17.8.4.1 Data Message Controller
The RapidIO controller supports a data message passing programming model for inter-processor
and inter-device communication. This model enables a producer to send a data message across the
interconnect fabric to a consumer’s message hardware, called a mailbox. The receiving mailbox
controller places the message in a queue located in its memory. A data message may consist of one
or more packets depending on the size of the message. When the entire message has been received,
an interrupt is generated (if enabled) for the processor core to process the message. Data messages
can be queued for transmission in the producer’s memory and the message hardware processes
them sequentially. Messages can also be queued in the consumer’s memory while software
processes them sequentially. Software controls the depth of the circular queue in the producer, or
consumer.
The RapidIO data message controller contains the following features:
•
One inbound mailbox (inbox) structure
•
One outbound mailbox (outbox) structure
•
Support for one active letter in the inbox (letters are assigned and maintained by hardware)
•
Support for up to one letter (0) in the outbox for message unit initiated messages
•
Support for up to 16 segments (packets) per message
•
Support for up to 256 bytes per segment (packet)
•
Chaining and direct mode support for outbound messages
The following sections describe the structure and operation of the outbox and inbox hardware in
the data message controller.
17.8.4.2 Outbox Controller Operation
The outbox controller is responsible for sending messages stored in a circular queue in local
memory. The outbox controller supports two modes of operation: direct and chaining mode. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com