Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1031 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1031 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1033Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1034Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1035Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1031 / 1302 page
background image
ATMU (Address Translation and Mapping Unit)
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-107
RapidIO read types and OCeaN write types can only map to RapidIO write types including
doorbells.
17.7.1.1 Outbound ATMU Bypass Mode
Note that some transactions may not require ATMU translation because the address associated
with the original transaction is already mapped to the appropriate address space. Although the
DMA controller can initiate outbound RapidIO transactions that may or may not bypass ATMU
translation, it is the only source of transactions that can bypass outbound ATMU translation. The
DMA controller may bypass ATMU translation for any outbound transaction that it supports.
17.7.1.2 Outbound Special Transactions and Requirements
Due to requirements of the Parallel RapidIO Interconnect Specification, I/O read home and flush
with data transactions require special handling. Outbound I/O read transactions cannot cross a
32-byte cache-line boundary and cannot be greater than 32 bytes in size because the RapidIO
interface requires wrapping around a 32-byte cache-line for I/O read home transactions. Therefore,
regardless of the size of the original request, the address for outbound I/O read transactions is
double-word aligned, and the size is set to 32 bytes in order to fetch an entire cache-line. There is
also a requirement for outbound requests originated by the PCI controller. These transactions must
map to an ATMU window in which the ROWARn specifies a transaction flow level of zero and
has the PCI bit set. This causes the outbound transaction to be sent through the RapidIO interface
with a priority of one because the transaction flow level is incremented when the PCI bit is set.
To comply with the Parallel RapidIO Interconnect Specification other transactions also have
special requirements. Outbound maintenance transactions, for example, may not exceed 64 bytes.
Also, outbound doorbells are generated through the ATMU by using write transactions whose
sizes are 2, 4 or 8 bytes and whose address is aligned to a doubleword boundary. A doorbell
generated using a 2-byte write gets its INFO field from the data associated with the write
transaction. A doorbell generated using a 4 or 8 byte write gets its INFO field from the
most-significant 2 bytes of the data associated with the write transaction.
Outbound swrite transactions must be at least a double word, and atomic transactions may only
request 1, 2, or 4 bytes. Furthermore, atomic transactions must meed the RapidIO alignment
requirements as specified in the Parallel RapidIO Interconnect Specification.
The Parallel RapidIO Interconnect Specification should be referenced for any additional
requirements that are not listed in this section.
17.7.2 Inbound ATMU Translation
Inbound ATMU windows perform the address translation from the 34-bit external RapidIO
address space to the 32-bit internal address space. Inbound ATMU windows also attach attributes,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com