Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1028 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1028 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1024Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1025Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1026Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1027Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1028Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1029Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1030Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1031Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1032Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-104
Freescale Semiconductor
RapidIO Interface
Table 17-101 lists the notification errors detected by the RapidIO implementation and the resulting
actions taken.
Ack before restart-from-retry
Received an ack control symbol after
receiving an ack retry and before
sending a restart-from-retry
Starts link recovery process
No information logged in
capture register(s)
Unexpected training symbol
Received a training symbol while in
the “OK state”
Starts link recovery process
No information logged in
capture register(s)
Unexpected stomp symbol
Received a stomp control symbol
while there is no packet being
received
Starts link recovery process
No information logged in
capture register(s)
Unexpected link response
symbol
Received a link response control
symbol while there is no outstanding
request.
Starts link recovery process
No information logged in
capture register(s)
Unexpected EOP symbol
Received an EOP control symbol
while there is no packet being
received
Starts link recovery process
No information logged in
capture register(s)
Link request error
Received a link request control
symbol before the previous link
request has been serviced.
Starts link recovery process
No information logged in
capture register(s)
Frame toggle alignment
Received FRAME signal toggles at a
non 32-bit boundary
Sends
“PACKET_NOT_ACCEPTED
” ack with “General error” type
No information logged in
capture register(s)
Frame toggle edge
Received FRAME signal toggles on
the negative edge of the clock
Sends
“PACKET_NOT_ACCEPTED
” ack with “General error” type
No information logged in
capture register(s)
Ack time-out
An ack control symbol is not received
within the specified time-out interval.
Starts link recovery process
No information logged in
capture register(s)
Table 17-101. Notification Errors Detected by RapidIO Controller
Error
Description
Action
Capture Registers
Error recovery
threshold error
Error recovery threshold count (defined
in PERTR[RCTT]) exceeded
Generates interrupt if enabled
(PNFEIER[ETIE] is cleared)
No information logged in
capture register(s)
Retry threshold error
Consecutive ack retry threshold count
(defined in PRTR[RTT]) exceeded
Generates interrupt if enabled
(PNFEIER[RTIE] is cleared)
No information logged in
capture register(s)
Received request
ERROR response
Received a response of type error for
anything other than a message
Generates interrupt if enabled
(PNFEIER[RERIE] is cleared)
Information logged in
SYSINT capture registers.
Table 17-100. Recoverable Errors Detected by RapidIO Controller (continued)
Error
Description
Action
Capture Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com